PART |
Description |
Maker |
TLD1314EL TLD1314EL-15 |
3 Channel High Side Current Source Basic LED Driver Smart low side and high side switches
|
Infineon Technologies AG Infineon Technologies A... Marl International Limi...
|
IDT6168LAE IDT6168SAE IDT6168SART |
x4 SRAM x4SRAM High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down, High Creepage Package x4的SRAM
|
TE Connectivity, Ltd.
|
IDT6198L20SO IDT6198L20C IDT6198L25C |
Dual High Side Driver in a 16-Lead SOIC Lead Free package x4的SRAM High and Low Side Driver has output source/sink current capability of 4A and 4A x4的SRAM
|
STMicroelectronics N.V. Bourns, Inc.
|
AM29707DC AM29707LC AM29707PC AM29705/BXA AM29705A |
Dual Low Side Driver in a 8-pin DIP package; A IR4427 packaged in a 8-Lead PDIP High and Low Side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low Side Inputs in a 8-pin DIP package; A IR2181 packaged in a Lead-Free 8-Lead SOIC Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, All high Voltage Pins on One Side, Programmable 540-5000ns Deadtime in a 14-pin DIP package; A IRS21094 packaged in a Lead-Free 14-Lead SOIC High voltage, high speed power MOSFET and IGBT driver with dependent high side and low side referenced output channels packaged in a 8-Pin SOIC; A IRS2609DSPBF with Standard Packaging x4 SRAM Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, All high Voltage Pins on One Side, Programmable 540-5000ns Deadtime in a 14-pin DIP package; A IRS21094 packaged in a Lead-Free 14-Lead PDIP High and Low Side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low Side Inputs in a 8-pin DIP package; A IR2181 packaged in a 8-Lead SOIC x4SRAM
|
|
UC2635DW UC2635DWTR UC2635Q UC2635QTR UC2635J UC26 |
Iso high side smart power solid state relay Single channel high side driver with analog current sense for automotive applications Phase-Locked Loop
|
|
TLE82453-3SA TLE82453-3SA-15 |
3 Channel High-Side and Low-Side Linear Solenoid Driver IC
|
Infineon Technologies A...
|
TP2150B |
DUAL HIGH SIDE AND LOW SIDE MOSFET DRIVER
|
TRIPATH[Tripath Technology Inc.]
|
MIC5018 MIC5018BM4 |
IttyBitty?/a> High-Side MOSFET Driver Preliminary Information IttyBitty⑩ High-Side MOSFET Driver Preliminary Information IttyBitty High-Side MOSFET Driver Preliminary Information IttyBitty High-Side MOSFET Driver(IttyBitty技术高边MOS场效应管驱动
|
MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc.
|
IRS21952STRPBF IRS21952SPBF |
HIGH SIDE & DUAL LOW SIDE DRIVER IC
|
International Rectifier
|
IR2131SPBF IR2131-15 |
3 HIGH SIDE AND 3 LOW SIDE DRIVER
|
International Rectifier
|
LTC1154CS8TRPBF LTC1154HS8PBF LT1910 LTC4441-1 LTC |
High-Side Micropower MOSFET Driver; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C BUF OR INV BASED MOSFET DRIVER, PDSO8 High-Side Micropower MOSFET Driver; Package: SO; No of Pins: 8; Temperature Range: -40° to 125°C BUF OR INV BASED MOSFET DRIVER, PDSO8 High Side Micropower MOSFET Driver Fully Enhances N-Channel Power MOSFETs
|
Linear Technology, Corp.
|